Part Number Hot Search : 
0315K HCF40208 UZ720HR2 TS7990 GEA1YE3 BCM5488 MIC5236 R1A5C2T
Product Description
Full Text Search

0459460000 -    Surge protection for instrumentation and control

0459460000_8923534.PDF Datasheet


 Full text search :    Surge protection for instrumentation and control


 Related Part Number
PART Description Maker
39100-1002 39100-1003 39100-1004 39100-1005 39100- 391001306
12MM LOW PROFILE W/WIRE PROTEC 3 ASY
12MM LOW PROFILE W/WIRE PROTEC 7 ASY
12MM LOW PROFILE W/WIRE PROTEC 9 ASY
Terminal Block; No. of Positions:10; Pitch Spacing:0.472"; Wire Size (AWG):20-8; Mounting Type:Screw; Terminal Block Clamp Type:Screw Clamp RoHS Compliant: Yes 40 A, BARRIER STRIP TERMINAL BLOCK, 1 ROW, 1 DECK
CONN TERMINAL STRIP 3POS 15MM 63 A, BARRIER STRIP TERMINAL BLOCK, 1 ROW, 1 DECK
CONN TERMINAL STRIP 3POS 12MM 40 A, BARRIER STRIP TERMINAL BLOCK, 1 ROW, 1 DECK
Terminal Block; No. of Positions:10; Pitch Spacing:0.591"; Wire Size (AWG):14-6; Mounting Type:Screw; Terminal Block Clamp Type:Screw Clamp RoHS Compliant: Yes 63 A, BARRIER STRIP TERMINAL BLOCK, 1 ROW, 1 DECK
Terminal Block; Number of Positions:10; Pitch Spacing:0.394"; Wire Size (AWG):18-10; Mounting Type:Screw; Terminal Block Clamp Type:Screw Clamp 30 A, BARRIER STRIP TERMINAL BLOCK, 1 ROW, 1 DECK
8.00mm (.315? Pitch 10.00mm (.394? Pitch 12.00mm (.472? Pitch 15.00mm (.591? Pitch Eurostyle? Two-Screw Terminal Strip
10MM HIGH PROFILE W/WIRE PROTEC 11 ASY 30 A, BARRIER STRIP TERMINAL BLOCK, 1 ROW, 1 DECK
15MM HIGH PROFILE W/WIRE PROTEC 11 ASY 63 A, BARRIER STRIP TERMINAL BLOCK, 1 ROW, 1 DECK
10MM LOW PROFILE W/WIRE PROTEC 11 ASY 30 A, BARRIER STRIP TERMINAL BLOCK, 1 ROW, 1 DECK
12MM LOW PROFILE W/WIRE PROTEC 11 ASY 40 A, BARRIER STRIP TERMINAL BLOCK, 1 ROW, 1 DECK
8.00mm (.315隆卤) Pitch 10.00mm (.394隆卤) Pitch 12.00mm (.472隆卤) Pitch 15.00mm (.591隆卤) Pitch Eurostyle垄莽 Two-Screw Terminal Strip
MOLEX INC
Molex, Inc.
Molex Electronics Ltd.
TPN3021 TPN3021RL Tripolar Overvoltage Protection for Network Interfaces(用于网络接口的三极过压保
TRIPOLAR OVERVOLTAGE PROTEC-TION FOR NETWORK INTERFACES
意法半导
STMICROELECTRONICS[STMicroelectronics]
 
 Related keyword From Full Text Search System
0459460000 filetype:pdf 0459460000 micro 0459460000 Serie 0459460000 technology 0459460000 protection ic
0459460000 for sale 0459460000 Semiconductor 0459460000 series 0459460000 Battery MCU 0459460000 enhancement
 

 

Price & Availability of 0459460000

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
0.18001484870911